PART |
Description |
Maker |
MSM6636 |
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automative LAN(基于SAE-J1850通信协议的自动局域网传输控制 汽车工程J1850通信协议的整合传输控制器Automative局域网(基于汽车工J1850通信协议的自动局域网传输控制器) From old datasheet system SAE-J1850 Communication Protocol Conformity Transmission Controller for Automo- tive LAN SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
|
OKI SEMICONDUCTOR CO., LTD. OKI electronic componets OKI electronic components
|
AT76C651B |
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator A DVB-compliant Quadrature Amplitude Modulation (QAM) demodulation circuit which can be used in DVB and other applications using Quadrature Phase Shift Keying (OPSK) or QAM transmission systems. The AT76C651B uses direct IF sampling or bas
|
ATMEL[ATMEL Corporation]
|
RT8N0F-0180-014 RT8N0F-0190-014 RT8N0F-0150-017 RT |
1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 13.5 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN
|
CommScope, Inc.
|
EP9170 EP9171 EP9172 EP9173 EP9174 EP9175 EP9176 E |
SMD 28 Pin Passive Delay Lines CPU Supervisor with 32Kb SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP SMD 28 Pin Passive Delay Lines
|
PCA ELECTRONICS INC. http://
|
EMIF04-MMC02F1 EMIF04-MMC02 |
4 LINES EMI FILTER INCLUDING ESD PROTECTION 4号线的EMI滤波器,ESD保护 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4 LINES EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MABA-007731-CT1980 |
1:1 Transmission Line Transformer
|
Tyco Electronics
|
MABA-010245-CT11TB MABA-010245-CT1160 |
1:1 Transmission Line Transformer
|
M/A-COM Technology Solutions, Inc.
|
MABA-007968-CT66TB |
Transformer, 4:1 transmission line
|
M/A-COM Technology Solutions, Inc.
|
FI-E30S FI-E30H FI-E30C2 FI-E30HL FI-E14C FI-E14C2 |
LVDS Transmission Connector
|
Japan Aviation Electronics Industry, Ltd.
|
ETC1.6-4-2-3V2 |
E-SerieS RF 4:1 Transmission Line
|
M/A-COM Technology Solutions, Inc.
|
ISD400-7222 |
OPTICAL DATA TRANSMISSION
|
SICK AG
|